Part Number Hot Search : 
MM5Z27V MC74LV 7805B 6A375 CR6729A TC7SZ0 FDB7045L SMAC25
Product Description
Full Text Search
 

To Download 2N2218AL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2N2218AL
Silicon NPN Transistor
Data Sheet
Description Semicoa Semiconductors offers: * Screening and processing per MIL-PRF-19500 Appendix E * JAN level (2N2218ALJ) * JANTX level (2N2218ALJX) * JANTXV level (2N2218ALJV) * QCI to the applicable level * 100% die visual inspection per MIL-STD-750 method 2072 for JANTXV * Radiation testing (total dose) upon request
Applications
* General purpose * Low power * NPN silicon transistor
Features
* * * * Hermetically sealed TO-5 metal can Also available in chip configuration Chip geometry 0400 Reference document: MIL-PRF-19500/251
Benefits
Please contact Semicoa for special configurations www.SEMICOA.com or (714) 979-1900 Absolute Maximum Ratings Parameter Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current, Continuous Power Dissipation, TA = 25OC Derate above 25OC Power Dissipation, TC = 25OC Derate above 25OC Operating Junction Temperature Storage Temperature Symbol VCEO VCBO VEBO IC PT PT TJ TSTG * Qualification Levels: JAN, JANTX, and JANTXV * Radiation testing available
TC = 25C unless otherwise specified
Rating 50 75 6 800 0.8 4.6 3.0 17.0 -55 to +200 -55 to +200
Unit Volts Volts Volts mA W mW/C W mW/C C C
Copyright 2002 Rev. K
Semicoa Semiconductors, Inc.
333 McCormick Avenue, Costa Mesa, California 92626 714.979.1900, FAX 714.557.4541 Page 1 of 2
www.SEMICOA.com
2N2218AL
Silicon NPN Transistor
Data Sheet
ELECTRICAL CHARACTERISTICS
characteristics specified at TA = 25C
Off Characteristics Parameter Collector-Emitter Breakdown Voltage Collector-Base Cutoff Current Collector-Base Cutoff Current Collector-Base Cutoff Current Collector-Emitter Cutoff Current Emitter-Base Cutoff Current Emitter-Base Cutoff Current On Characteristics Parameter Symbol hFE1 hFE2 hFE3 hFE4 hFE5 hFE6 VBEsat1 VBEsat2 VCEsat1 VCEsat2 Test Conditions IC = 0.1 mA, VCE = 10 Volts IC = 1.0 mA, VCE = 10 Volts IC = 10 mA, VCE = 10 Volts IC = 150 mA, VCE = 10 Volts IC = 500 mA, VCE = 10 Volts IC = 10 mA, VCE = 10 Volts TA = -55OC IC = 150 mA, IB = 15 mA IC = 500 mA, IB = 50 mA IC = 150 mA, IB = 15 mA IC = 500 mA, IB = 50 mA Symbol V(BR)CEO ICBO1 ICBO2 ICBO3 ICES IEBO1 IEBO2 Test Conditions IC = 10 mA VCB = 75 Volts VCB = 60 Volts VCB = 60 Volts, TA = 150OC VCE = 50 Volts VEB = 6 Volts VEB = 4 Volts Min 30 75 100 100 30 35 0.6 Typ Min 50 10 10 10 10 10 10 Typ Max Units Volts A nA A nA A nA
Pulse Test: Pulse Width = 300 s, Duty Cycle 2.0%
Max 325 300
Units
DC Current Gain
Base-Emitter Saturation Voltage Collector-Emitter Saturation Voltage Dynamic Characteristics Parameter Magnitude - Common Emitter, Short Circuit Forward Current Transfer Ratio Small Signal Short Circuit Forward Current Transfer Ratio Open Circuit Output Capacitance Open Circuit Input Capacitance Switching Characteristics Saturated Turn-On Time Saturated Turn-Off Time
1.2 2.0 0.3 1.0
Volts Volts
Symbol |hFE| hFE COBO CIBO
Test Conditions VCE = 20 Volts, IC = 20 mA, f = 100 MHz VCE = 10 Volts, IC = 1 mA, f = 1 kHz VCB = 10 Volts, IE = 0 mA, 100 kHZ < f < 1 MHz VEB = 0.5 Volts, IC = 0 mA, 100 kHZ < f < 1 MHz
Min 2.5 75
Typ
Max 12
Units
8 25
pF pF
tON tOFF
35 300
ns ns
Copyright 2002 Rev. K
Semicoa Semiconductors, Inc.
333 McCormick Avenue, Costa Mesa, California 92626 714.979.1900, FAX 714.557.4541 Page 2 of 2
www.SEMICOA.com


▲Up To Search▲   

 
Price & Availability of 2N2218AL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X